Part Number Hot Search : 
N54LS GBU13508 MMBD444 SM250 600ETTT 331M16 SC458 10600
Product Description
Full Text Search
 

To Download 55100-2M-05-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.hamlin.com series 55100 hall option cable length termination 55100 xx xx x n o t e s : 1 ) a d d c a p c i t o r c n a s s h o w n , c l o s e t o t h e s e n s o r , f o r t r a n s i e n t s u p p r e s s i o n i f r e q u i r e d . 2 ) a d d r e s i s t o r r p u a s s h o w n f o r s i n k i n g o u t p u t 55100 miniature flange mount hall effect proximity sensor features magnetically operated position sensor digital, latching or programmable analogue types available medium, high or programmable sensitivities 3 wire (voltage output) or 2 wire (current output) versions reverse/over voltage protection built in temperature compensation benefits high switching speed up to 10khz long life; up to 20 billion operations unaffected by harsh environments operates in static or dynamic magnetic field customer selection of cable length and connector type applications position and limit sensing rpm measurement flow metering commutaion of brushless dc motors angle sensing magnetic encoders hamlin usa tel: +1 920 648 3000 ? fax: +1 920 648 3001 ? email: sales.us@hamlin.com hamlin europe tel: +44 (0)1603 257700 ? fax: +44 (0)1603 257702 ? email: sales.uk@hamlin.com hamlin china tel: +86 (0) 512 69365 800 ? fax: +86 (0) 512 69365 811 ? email: sales.cn@hamlin.com drgno: 55100xxxxx rev : ag date:9/6/12 dcr: b9016 dimensions (in) mm block diagram specifications digital switch or digital latch digital switch or digital latch a - analogue hall type 3 wire (voltage output) 2 wire (current output) (programmable only) (note 2) supply voltage (note 1) absolute ratings vdc -15 to +28 -15 to +28 8.5 operate vdc +3.8 to +24 +3.75 to +24 4.5 - 5.5 overvoltage protection vdc - max. 32 32 19.5 output high voltage vdc sinking output n/a 4.65 output low voltage vdc - max. 0.4 @ 10ma n/a 0.35 output current (continuously on) ma - max. 10 n/a -1.0 to +1.0 current consumption over temperature range low high ma ma 1.6 - 5.2 1.6 - 5.2 5 - 6.9 12 - 17 2 - 10 2 - 10 switching speed ma 10 10 2 temperature operating storage c c -40 to +100 -65 to +105 -40 to +100 -65 to +105 -40 to +100 -65 to +105 note 1: as long as tj (junction temperature max. is not exceeded. note 2: preprogrammed by hamlin or customer pending agreement. customer options - sensitivity, cable length and termination specification hall options activate distances are approximate using n e f e b magnet (.827l x .276w x .185h) 21 x 7 x 4.7 hamlin p/n 5812334000 select hall option hall type sensitivity gauss (typ.) activate - d (in) mm 2m 2 wire switch 120 (.531) 13,5 2h 2 wire switch 57 (.728) 18,5 2l 2 wire latch 40 (.827) 21,0 3m 3 wire switch 130 (.492) 12,5 3h 3 wire switch 59 (709) 18,0 3l 3 wire latch 86 (.394) 10,0 ap analog programmable consult hamlin cable length:- (cable type 24awg 7/32 pvc 105 c ul 1430/ul1569) standard lengths select option cable length (in) mm 01 (3.94) 100 02 (11.81) 300 03 (19.69) 500 04 (29.53) 750 05 (39.37) 1000 termination options:- select option description (2 wire version illustrated a tinned leads d amp mte 2.54mm pitch e jst xhp 2.5mm pitch ordering information table 2 table 1 table 2 table 3 table 1 table 3


▲Up To Search▲   

 
Price & Availability of 55100-2M-05-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X